PART |
Description |
Maker |
ADP3309 ADP3309ART-27 ADP3309ART-285 ADP3309ART-29 |
anyCAP?/a> 100 mA Low Dropout Linear Regulator anyCAP⑩ 100 mA Low Dropout Linear Regulator anyCAP 100 mA Low Dropout Linear Regulator anyCAP100 mA Low Dropout Linear Regulator anyCAP00 mA时低压差线性稳压器
|
AD[Analog Devices] Analog Devices, Inc.
|
ADP3301AR-3-REEL ADP3301ARZ-5-REEL ADP3301AR-2.7-R |
3.2 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 SOP-8 High Accuracy anyCAP100 mA Low Dropout Linear Regulator High Accuracy anyCAP® 100 mA Low Dropout Linear Regulator Variable Resolution Resolver-to-Digital Converter High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
|
ANALOG DEVICES INC Analog Devices, Inc.
|
MAX8880 MAX8880EUT-T MAX8881 MAX8881EUT18-T MAX888 |
RES 100-OHM 5% 0.063W 200PPM THK-FILM SMD-0402 TR-7-PA2MM UNMARKED 1.25 V-5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6 12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ADP3307 ADP3307ART-27 ADP3307ART-3 ADP3307ART-32 A |
High Accuracy anyCAP⑩ 100 mA Low Dropout Linear Regulator High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
|
AD[Analog Devices]
|
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
G936T83T G936 G936T21B G936T21T G936T22B G936T22T |
3.6 V, 500 mA low dropout regulator 3.6V 500mA/400mA Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
GMT[Global Mixed-mode Technology Inc] Global Mixed-mode Technology Inc.
|
LP2950 |
100 mA, Low Power Low Dropout Voltage Regulator
|
http://
|
MIC5203 MIC5203-2.8BM5 MIC5203-3.0BM4 MIC5203-3.0B |
??ap??80mA Low-Dropout Voltage Regulator レCap80mA Low-Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 レCap80mA Low-Dropout Voltage Regulator 4.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 Enhanced Product 3-V To 6-V, 3-A Output Synchronous-Buck Pwm Switcher W/Integrated Fets 20-HTSSOP -55 to 125 Replaced by PTN78060W : Low Input Voltage 3A Synchronous Buck Converter with 2.5V Output 20-HTSSOP レCap⑩ 80mA Low-Dropout Voltage Regulator μCap 80mA Low-Dropout Voltage Regulator
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
LP2950--25-S08-R LP2950--25-S08-T LP2950L--25-D08- |
2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 SOP-8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDIP8 LEAD FREE, DIP-8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 HALOGEN FREE, SOP-8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 LEAD FREE, SOP-8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDIP8 DIP-8 100 mA LOW-DROPOUT VOLTAGE REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, BCY3 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 100 mA LOW-DROPOUT VOLTAGE REGULATOR
|
Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD E-Tech Electronics LTD
|
CLM2951 CLM2951AC CLM2951ACP-X CLM2951ACS-X CLM295 |
3 V, 150 mA low dropout voltage regulator 5 V, 150 mA low dropout voltage regulator 150mA Low Dropout Voltage Regulators 150mA的低压差稳压 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
LM2931AZ-5.0RPG LM2931Z-5.0RPG LM2931Z-5.0G LM2931 |
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PBCY3 Resistor Wirewound 20.5 OHM 5% 4W 20PPM AXIAL Thru-Hole T/R 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8
|
ON Semiconductor TE Connectivity, Ltd.
|